PART |
Description |
Maker |
IS24C08-2 IS24C08-2G IS24C08-2GI IS24C08-2P IS24C0 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit2-WIRESERIALCMOSEEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
ETC[ETC]
|
AD7548 AD7548AQ AD7548BQ AD7548JN AD7548JP AD7548J |
LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC PARALLEL, WORD INPUT LOADING, 1.5 us SETTLING TIME, 8-BIT DAC, PDIP20 12-Bit, Multiplying, I<SUB>OUT</SUB> DAC, 8-Bit Bus
|
Analog Devices, Inc.
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AD7520JN AD7531 AD7531KN AD7530 AD7521 AD7521KN AD |
320 x 240 pixel format, LED or CFL Backlight 10位,12位,乘法D / A转换 10-Bit, 12-Bit, Multiplying D/A Converters PARALLEL, WORD INPUT LOADING, 1 us SETTLING TIME, 12-BIT DAC, PDIP18 Replaced by ADS8505 : 16-Bit 10us Sampling CMOS Analog-to-Digital Converter 28-SOIC 10-Bit/ 12-Bit/ Multiplying D/A Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IRF450 IRF451 IRF452 IRF252 IRF250 IRF251 |
N-CHANNE POWER MOSFETS
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
AM41LV3204M M410000095 M410000096 AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
MSM531652F |
1,048,576-Words x 16-bit or 2,097,152-Bytes x 8-bit MaskROM, 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM
|
OKI electronic componets
|
MAX1320ECM MAX1316ECM MAX1317ECM MAX1324ECM MAX132 |
Dual 8-Bit To 9-Bit Parity Bus Transceivers 56-SSOP -40 to 85 18-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products, Inc. ADC
|